Part Number Hot Search : 
LPBA30L OX9162 S20LC20U BSP320S MK325 5120F7 DH611 B32614
Product Description
Full Text Search
 

To Download 382LX224M016B092V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  temperature range C40 c to +85 c 250 vdc C25 c to +85 c 315 vdc rated voltage range 16 vdc to 500 vdc capacitance range 33 f to 270,000 f capacitance tolerance 20% leakage current 3cv a at 5 min ripple current multipliers low temperature characteristics impedance ratio: z C20?c M z +25?c 8 (16C50 vdc) 4 (63C100 vdc) 3 (150C500 vdc) endurance life test 3,000 h @ full load at +85 c ? capacitance 20% esr 200% of limit dcl 100% of limit shelf life test 1,000 h @ 85 c ? capacitance 20% esr 200% of limit dcl 100% of limit vibration 10 to 55 hz, 0.06 and 10 g max, 2 h in each plane rohs compliant the excellent value of type 380l/lx capacitors fnds application in switching power supply input and output circuits and even motor drives where the high surface area of multiple units in parallel approaches the ripple capability of our type 520c computer-grade capacitor. type 380lx delivers more capacitance per can size while type 380l available in the largest case sizes gives lower esr for the same capacitance. types 382l and 382lx give the choice of 4 or 5 leads for stable, reverse proof mounting. highlights - latest available ratings, worldwide - top performance in power supplies and motor drives - big selection of 46 case sizes - 2, 4 and 5 leads available specifcations frequency 45 oc 60 oc 70 oc 85 oc 1.5 1.4 1.3 1.0 50 hz 60 hz 120 hz 500 khz 1 khz 10 khz & up 16 - 100 wv 0.93 0.95 1.00 1.05 1.08 1.15 160 - 450 wv 0.75 0.80 1.00 1.20 1.25 1.40 ambient temperature type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
382lx 272 m 200 n05 2 v +d case blank = no end disk if <250 v type cap tolerance voltage code insulation # of pins d = end disk, any voltage 380l / lx (2 pins) 272 = 2700 f m = 20% 200 = 200 vdc 2 = pvc blank = 2 pins / 4 pins snap-in 6.3mm l 382l / lx (4 or 5 pins) 333 = 33000 f a = 2 pins / 4 pins snap-in 4.0mm l vs = 5 pins snap-in 6.3mm l v = 5 pins standof outline drawings connection terminal 40 mm dia. 50 mm dia. a dummy negative (C) b dummy dummy c positive (+) positive (+) d dummy positive (+) C negative (C) negative (C) notes: * use dummy terminals for mechanical support only. make no electrical connection because they resistively connect through the electrolyte to the negative terminal. ** safety vent may be on the bottom or on the side of the can. type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 part numbering system two pins 380l/lx (22 through 40 mm diameter) four pins 382l/lx (35 and 40mm diameter) five pins 382l/lx (40 and 50mm diameter) available in 5 pins available in 2 and 4 pins 4.0 6.3 1 1.5 0.2 2.0max. 6.3 mm pin length top of capacitor body 0.8 +0.2 -0.1 available in 2, 4 and 5 pins top of capacitor body 1.5 0.1 0.6 min. 0.7 3.75 0.1 5 pin standoff pin style (add v to end of part#) 4.0 1.5 0.2 2.0max. 4.0 mm pin length option (add a to end of part#) top of capacitor body 0.8 +0.2 -0.1 3.5 available in 2 and 4 pins note that for 200 volts and under the insulating end disc is optional - if one is needed add a (+d) to the end of the part numbering system. 6.3 pin length 4.0 pin length dimensions shown are in mm l 2 max. l 2 max.
insulated case dimensions typical performance curves case code diameter "d" length " l" typical weight case code diameter "d" length " l" typical weight mm inches mm inches (grams) mm inches mm inches (grams) h20 22 0.87 20 0.79 14 a20 35 1.38 20 0.79 35 h01 22 0.87 25 0.98 16 a01 35 1.38 25 0.98 42 h02 22 0.87 30 1.18 19 a02 35 1.38 30 1.18 48 h03 22 0.87 35 1.38 22 a03 35 1.38 35 1.38 54 h04 22 0.87 40 1.57 24 a04 35 1.38 40 1.57 62 h45 22 0.87 45 1.77 28 a45 35 1.38 45 1.77 67 h05 22 0.87 50 1.97 31 a05 35 1.38 50 1.97 74 j20 25 0.98 20 0.79 16 a55 35 1.38 55 2.17 80 j01 25 0.98 25 0.98 20 a06 35 1.38 63 2.48 88 j02 25 0.98 30 1.18 24 a07 35 1.38 70 2.76 98 j03 25 0.98 35 1.38 27 a08 35 1.38 80 3.15 112 j04 25 0.98 40 1.57 31 a10 35 1.38 105 4.13 144 j45 25 0.98 45 1.77 35 n04 40 1.57 40 1.57 82 j05 25 0.98 50 1.97 38 n05 40 1.57 50 1.97 105 k20 30 1.18 20 0.79 25 n06 40 1.57 63 2.48 130 k01 30 1.18 25 0.98 30 n08 40 1.57 80 3.15 185 k02 30 1.18 30 1.18 35 n10 40 1.57 105 4.13 265 k03 30 1.18 35 1.38 40 b05 50 1.97 50 1.97 136 k04 30 1.18 40 1.57 44 b06 50 1.97 63 2.48 168 k45 30 1.18 45 1.77 48 b08 50 1.97 80 3.15 239 k05 30 1.18 50 1.97 53 b09 50 1.97 92 3.62 241 b10 50 1.97 105 4.13 325 type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 1 10 100 1000 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 expected operating life, kh rated ripple - current multiple type 380l/lx operating life in kilohours vs ripple current 45 oc 55 oc 65 oc 75 oc 85 oc
- 2 0 2 4 6 8 10 12 14 16 18 0 500 1000 1500 2000 capacitance, df, leakage current hours @ rated max temp, voltage, ripple life test data 380l222m050k012 capacitance, df, leakage current leakage ( uadc ) df (%) cap change (%) type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 - 10 0 10 20 30 40 50 0 500 1000 1500 2000 capacitance, df, leakage current hours @ rated max temp, voltage, ripple life test data 380lx222m100j042 capacitance, df, leakage current leakage (uadc) df (%) cap change (%) - 10 0 10 20 30 40 50 60 0 500 1000 1500 2000 capacitance, df, leakage current hours @ rated max temp, voltage, ripple life test data 380lx151m400j02 capacitance, df, leakage current leakage (uadc) df (%) cap change (%) 0 10 20 30 40 50 60 0 500 1000 1500 2000 capacitance, df, leakage current hours @ rated max temp, voltage, ripple life test data 380lx331m450k052 capacitance, df, leakage current leakage (uadc) df (%) cap change (%) typical performance curves
cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l catalog part number catalog part number 120 hz 20 khz 120 hz 20 khz (mm) 120 hz 20 khz 120 hz 20 khz (mm) 16 vdc (20 vdc surge) 25 vdc (32 vdc surge) 4700 380lx472m016h202 0.160 0.135 1.60 1.80 22 x 20 3300 380lx332m025h202 0.177 0.140 1.60 1.80 22 x 20 4700 380lx472m016h012 0.160 0.135 1.77 2.00 22 x 25 3300 380lx332m025h012 0.161 0.130 1.70 1.90 22 x 25 6800 380lx682m016h012 0.110 0.092 2.60 3.00 22 x 25 4700 380lx472m025h012 0.110 0.090 2.40 2.75 22 x 25 6800 380lx682m016j202 0.110 0.092 1.80 2.10 25 x 20 4700 380lx472m025j202 0.125 0.100 1.80 2.10 25 x 20 8200 380lx822m016h012 0.090 0.078 3.10 3.60 22 x 25 5600 380lx562m025h012 0.095 0.075 2.90 3.30 22 x 25 10000 380lx103m016h022 0.075 0.062 3.80 4.30 22 x 30 6800 380lx682m025h022 0.078 0.063 3.50 4.00 22 x 30 10000 380lx103m016j012 0.143 0.118 3.80 4.30 25 x 25 6800 380lx682m025j012 0.078 0.063 3.50 4.00 25 x 25 10000 380lx103m016k202 0.084 0.070 2.40 2.80 30 x 20 6800 380lx682m025k202 0.078 0.063 2.30 2.60 30 x 20 12000 380lx123m016h022 0.119 0.098 4.50 5.20 22 x 30 8200 380lx822m025h022 0.065 0.049 3.60 4.10 22 x 30 12000 380lx123m016j012 0.119 0.098 4.50 5.20 25 x 25 8200 380lx822m025j012 0.065 0.049 3.60 4.10 25 x 25 15000 380lx153m016h032 0.054 0.045 5.30 6.00 22 x 35 10000 380lx103m025h032 0.058 0.046 3.80 4.30 22 x 35 15000 380lx153m016j022 0.054 0.045 5.30 6.00 25 x 30 10000 380lx103m025j022 0.058 0.046 3.80 4.30 25 x 30 15000 380lx153m016a202 0.055 0.048 3.20 3.70 35 x 20 10000 380lx103m025k012 0.136 0.108 3.28 3.68 30 x 25 18000 380lx183m016h042 0.045 0.040 5.60 6.40 22 x 40 10000 380lx103m025a202 0.060 0.050 2.70 3.10 35 x 20 18000 380lx183m016j022 0.045 0.040 5.60 6.40 25 x 30 12000 380lx123m025h042 0.050 0.040 4.10 4.70 22 x 40 22000 380lx223m016h452 0.065 0.055 6.10 7.00 22 x 45 12000 380lx123m025j032 0.050 0.040 4.10 4.70 25 x 35 22000 380lx223m016j032 0.065 0.055 6.10 7.00 25 x 35 12000 380lx123m025k022 0.050 0.040 4.10 4.70 30 x 30 22000 380lx223m016k022 0.065 0.055 6.10 7.00 30 x 30 15000 380lx153m025h052 0.040 0.030 4.60 5.30 22 x 50 27000 380lx273m016j452 0.031 0.025 6.30 7.30 25 x 45 15000 380lx153m025j042 0.040 0.030 4.60 5.30 25 x 40 27000 380lx273m016k032 0.031 0.025 6.30 7.30 30 x 35 15000 380lx153m025k022 0.040 0.030 4.60 5.30 30 x 30 33000 380lx333m016j052 0.025 0.021 6.80 7.80 25 x 50 18000 380lx183m025j452 0.035 0.028 5.50 6.30 25 x 45 33000 380lx333m016k042 0.025 0.021 6.80 7.90 30 x 40 18000 380lx183m025k032 0.035 0.028 5.50 6.30 30 x 35 33000 380lx333m016a022 0.025 0.021 6.80 7.90 35 x 30 22000 380lx223m025j052 0.030 0.023 6.10 7.00 25 x 50 39000 380lx393m016k452 0.022 0.018 6.95 8.00 30 x 45 22000 380lx223m025k042 0.030 0.023 6.10 7.00 30 x 40 39000 380lx393m016a032 0.022 0.018 6.95 8.00 35 x 35 27000 380lx273m025k452 0.023 0.020 6.20 7.10 30 x 45 47000 380lx473m016k052 0.030 0.026 7.50 8.60 30 x 50 27000 380lx273m025a03 0.023 0.020 6.20 7.10 35 x 35 47000 380lx473m016a042 0.030 0.026 7.50 8.60 35 x 40 33000 380lx333m025k052 0.020 0.017 6.80 7.90 30 x 50 56000 380lx563m016a452 0.020 0.018 8.70 10.00 35 x 45 33000 380lx333m025a042 0.020 0.017 6.80 7.90 35 x 40 56000 382lx563m016n042 0.022 0.021 9.00 10.40 40 x 40 33000 382l333m025n042 0.026 0.016 7.30 8.00 40 x 40 68000 380lx683m016a052 0.018 0.017 9.00 10.40 35 x 50 39000 380lx393m025a452 0.020 0.017 7.40 8.50 35 x 45 82000 380lx823m016a062 0.016 0.015 10.00 11.50 35 x 63 39000 382lx393m025n042 0.020 0.018 8.00 9.20 40 x 40 82000 382lx823m016n052 0.016 0.015 10.30 11.80 40 x 50 47000 380lx473m025a052 0.024 0.021 8.00 9.20 35 x 50 100000 380lx104m016a082 0.015 0.014 11.00 12.70 35 x 80 47000 380l473m025a062 0.017 0.009 8.30 9.50 35 x 63 100000 382lx104m016n062 0.018 0.017 11.40 13.00 40 x 63 56000 380l563m025a072 0.015 0.008 9.10 10.30 35 x 70 120000 380lx124m016a102 0.014 0.013 12.81 14.73 35 x 105 56000 382l563m025n062 0.015 0.009 9.50 10.30 40 x 63 120000 382lx124m016n082 0.017 0.016 12.40 14.30 40 x 80 56000 380lx563m025a062 0.024 0.020 8.60 9.90 35 x 63 120000 382lx124m016b052v 0.014 0.013 13.17 15.15 50 x 50 56000 382lx563m025n052 0.016 0.015 9.00 10.30 40 x 50 150000 382lx154m016b062v 0.012 0.011 14.40 16.56 50 x 63 68000 380lx683m025a082 0.013 0.011 10.40 12.00 35 x 80 180000 382lx184m016n102 0.013 0.012 14.85 17.08 40 x 105 68000 382lx683m025n062 0.017 0.015 10.25 11.80 40 x 63 180000 382lx184m016b082v 0.011 0.010 15.69 18.04 50 x 80 82000 382lx823m025b052v 0.016 0.015 12.29 14.13 50 x 50 220000 382LX224M016B092V 0.010 0.009 16.73 19.24 50 x 92 100000 380lx104m025a102 0.010 0.008 11.97 13.77 35 x 105 270000 382lx274m016b102v 0.009 0.008 17.79 20.46 50 x 105 100000 382lx104m025b062v 0.014 0.013 13.45 15.47 50 x 63 type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l catalog part number catalog part number 120 hz 20 khz 120 hz 20 khz (mm) 120 hz 20 khz 120 hz 20 khz (mm) 25 vdc (32 vdc surge) 35 vdc (44 vdc surge) 100000 382lx104m025n082 0.012 0.011 12.00 13.40 40 x 80 47000 382lx473m035n062 0.016 0.013 9.60 11.00 40 x 63 120000 382lx124m025b082v 0.012 0.011 15.29 17.58 50 x 80 56000 382lx563m035b052v 0.015 0.012 10.94 12.58 50 x 50 150000 382lx154m025n102 0.011 0.010 14.07 16.18 40 x 105 56000 382lx563m035n082 0.015 0.012 10.30 11.90 40 x 80 150000 382lx154m025b092v 0.011 0.010 16.01 18.41 50 x 92 68000 380lx683m035a102 0.010 0.008 10.62 12.21 35 x 105 180000 382lx184m025b102v 0.010 0.009 16.89 19.42 50 x 105 68000 382lx683m035b062v 0.013 0.011 11.93 13.72 50 x 63 35 vdc (44 vdc surge) 82000 382lx823m035n102 0.012 0.009 12.02 13.82 40 x 105 2200 380lx222m035h202 0.211 0.160 1.40 1.60 22 x 20 82000 382lx823m035b082v 0.012 0.010 13.06 15.02 50 x 80 2200 380lx222m035h012 0.166 0.125 1.50 1.75 22 x 25 100000 382lx104m035b092v 0.011 0.009 13.97 16.07 50 x 92 3300 380lx332m035h012 0.110 0.085 2.30 2.60 22 x 25 120000 382lx124m035b102v 0.010 0.008 14.86 17.09 50 x 105 3300 380lx332m035j202 0.120 0.090 1.70 2.00 25 x 20 50 vdc (63 vdc surge) 3900 380lx392m035h012 0.095 0.070 2.70 3.10 22 x 25 1500 380lx152m050h202 0.255 0.200 1.20 1.40 22 x 20 4700 380lx472m035h022 0.080 0.060 3.30 3.70 22 x 30 1500 380lx152m050h012 0.220 0.170 1.25 1.45 22 x 25 4700 380lx472m035j012 0.080 0.060 3.30 3.70 25 x 25 2200 380lx222m050h012 0.150 0.115 1.80 2.10 22 x 25 4700 380lx472m035k202 0.090 0.066 2.00 2.30 30 x 20 2200 380lx222m050j202 0.175 0.130 1.40 1.60 25 x 20 5600 380lx562m035h022 0.083 0.063 3.40 3.90 22 x 30 2700 380lx272m050h012 0.125 0.095 2.20 2.60 22 x 25 5600 380lx562m035j012 0.083 0.063 3.40 3.90 25 x 25 3300 380lx332m050h022 0.100 0.075 2.70 3.10 22 x 30 6800 380lx682m035h032 0.068 0.051 3.70 4.20 22 x 35 3300 380lx332m050j012 0.158 0.118 2.70 3.10 25 x 25 6800 380lx682m035a202 0.070 0.053 2.40 2.80 35 x 20 3300 380lx332m050k202 0.117 0.090 1.70 2.00 30 x 20 6800 380lx682m035j022 0.069 0.051 3.70 4.20 25 x 30 3900 380lx392m050h022 0.085 0.065 2.80 3.20 22 x 30 8200 380lx822m035h042 0.057 0.043 4.00 4.60 22 x 40 3900 380lx392m050j012 0.085 0.065 2.80 3.20 25 x 25 8200 380lx822m035j032 0.057 0.043 4.00 4.60 25 x 35 4700 380lx472m050h032 0.110 0.082 3.00 3.50 22 x 35 10000 380lx103m035h452 0.050 0.037 4.40 5.10 22 x 45 4700 380lx472m050j022 0.110 0.082 3.00 3.50 25 x 30 10000 380lx103m035j042 0.050 0.037 4.40 5.10 25 x 40 4700 380lx472m050k012 0.110 0.082 3.00 3.50 30 x 25 10000 380lx103m035k022 0.050 0.037 4.40 5.10 30 x 30 4700 380lx472m050a202 0.080 0.060 2.10 2.40 35 x 20 10000 380lx103m035a012 0.050 0.037 4.40 5.10 35 x 25 5600 380lx562m050h042 0.060 0.045 3.40 3.90 22 x 40 12000 380lx123m035j452 0.044 0.033 5.10 5.80 25 x 45 5600 380lx562m050j032 0.060 0.045 3.40 3.90 25 x 35 12000 380lx123m035k032 0.044 0.033 5.10 5.80 30 x 35 5600 380lx562m050k022 0.060 0.045 3.40 3.90 30 x 30 12000 380lx123m035a022 0.044 0.033 5.10 5.80 35 x 30 6800 380lx682m050h052 0.050 0.040 3.90 4.40 22 x 50 15000 380lx153m035j052 0.057 0.044 5.60 6.40 25 x 50 6800 380lx682m050j042 0.050 0.040 3.90 4.40 25 x 40 15000 380lx153m035k042 0.036 0.027 5.60 6.40 30 x 40 6800 380lx682m050k022 0.050 0.040 3.90 4.40 30 x 30 15000 380lx153m035a022 0.036 0.027 5.60 6.40 35 x 30 8200 380lx822m050j452 0.040 0.030 4.40 5.10 25 x 45 18000 380lx183m035k452 0.048 0.037 5.70 6.50 30 x 45 8200 380lx822m050k032 0.040 0.030 4.40 5.10 30 x 35 18000 380lx183m035a032 0.048 0.037 5.70 6.50 35 x 35 10000 380lx103m050j052 0.040 0.030 5.00 5.70 25 x 50 22000 380lx223m035k052 0.026 0.020 6.10 7.00 30 x 50 10000 380lx103m050k042 0.040 0.030 5.00 5.70 30 x 40 22000 380lx223m035a042 0.026 0.020 6.10 7.00 35 x 40 10000 380lx103m050a022 0.040 0.030 5.00 5.70 35 x 30 27000 380lx273m035a452 0.021 0.017 6.80 7.90 35 x 45 12000 380lx123m050k452 0.033 0.025 5.60 6.40 30 x 45 27000 382lx273m035n042 0.021 0.017 6.80 7.90 40 x 40 12000 380lx123m050a032 0.033 0.025 5.60 6.40 35 x 35 33000 380lx333m035a052 0.018 0.014 7.15 8.22 35 x 50 15000 380lx153m050k052 0.037 0.028 6.40 7.40 30 x 50 33000 380l333m035a062 0.018 0.009 7.80 8.70 35 x 63 15000 380lx153m050a042 0.037 0.028 6.40 7.40 35 x 40 39000 380lx393m035a062 0.015 0.012 7.90 9.10 35 x 63 18000 380l183m050a062 0.018 0.010 7.80 8.70 35 x 63 39000 380l393m035a072 0.015 0.008 8.60 9.50 35 x 70 18000 380lx183m050a452 0.022 0.017 6.90 7.90 35 x 45 39000 382lx393m035n052 0.017 0.014 8.00 9.20 40 x 50 18000 382lx183m050n042 0.023 0.017 6.94 7.98 40 x 40 47000 380lx473m035a082 0.015 0.011 9.50 10.90 35 x 80 22000 380l223m050a072 0.025 0.020 8.60 9.50 35 x 70 type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l catalog part number catalog part number 120 hz 20 khz 120 hz 20 khz (mm) 120 hz 20 khz 120 hz 20 khz (mm) 50 vdc (63 vdc surge) 63 vdc (79 vdc surge) 22000 380lx223m050a052 0.025 0.020 7.60 8.70 35 x 50 10000 382l103m063n042 0.028 0.017 6.60 7.20 40 x 40 27000 380l273m050a082 0.013 0.008 9.30 10.10 35 x 80 10000 380lx103mo63a042 0.033 0.025 6.50 7.50 35 x 40 27000 382l273m050n062 0.018 0.009 9.00 9.60 40 x 63 12000 380l123m063a062 0.019 0.010 7.70 8.60 35 x 63 27000 380lx273m050a062 0.018 0.015 8.30 9.60 35 x 63 12000 380lx123m063a052 0.028 0.021 7.20 8.30 35 x 50 27000 382lx273m050n052 0.025 0.020 8.10 9.30 40 x 50 12000 382lx123m063n042 0.035 0.028 7.15 8.22 40 x 40 33000 380lx333m050a082 0.015 0.012 9.20 10.60 35 x 80 15000 380l153m063a072 0.016 0.009 8.50 9.40 35 x 70 33000 382lx333m050n062 0.018 0.014 9.10 10.50 40 x 63 15000 380lx153m063a062 0.028 0.021 7.70 8.90 35 x 63 33000 382lx333m050b052v 0.018 0.014 10.48 12.05 50 x 50 18000 380lx183m063a082 0.023 0.012 9.40 10.80 35 x 80 47000 382lx473m050b062v 0.013 0.010 11.54 13.27 50 x 63 18000 382lx183m063n062 0.028 0.022 9.25 10.60 40 x 63 47000 380lx473m050a102 0.014 0.011 10.27 11.81 35 x 105 27000 382lx273m063n082 0.018 0.015 10.00 11.50 40 x 80 56000 382lx563m050n102 0.012 0.009 11.47 13.19 40 x 105 27000 380lx273m063a102 0.015 0.012 10.38 11.94 35 x 105 56000 382lx563m050b082v 0.012 0.009 12.46 14.33 50 x 80 27000 382lx273m063b052v 0.018 0.015 10.86 12.49 50 x 50 68000 382lx683m050b092v 0.011 0.009 13.17 15.15 50 x 92 33000 382lx333m063n102 0.015 0.012 11.76 13.52 40 x 105 82000 382lx823m050b102v 0.011 0.008 13.87 15.95 50 x 105 33000 382lx333m063b062v 0.017 0.013 11.57 13.42 50 x 63 63 vdc (79 vdc surge) 47000 382lx473m063b082v 0.013 0.010 12.78 14.70 50 x 80 1000 380lx102m063h202 0.380 0.290 1.20 1.40 22 x 20 51000 382lx513m063b092v 0.012 0.010 13.34 15.34 50 x 92 1000 380lx102m063h012 0.332 0.250 1.20 1.40 22 x 25 56000 382lx563m063b102v 0.012 0.009 13.93 16.02 50 x 105 1500 380lx152m063h012 0.221 0.167 1.70 2.00 22 x 25 80 vdc (100 vdc surge) 1500 380lx152m063j202 0.250 0.190 1.30 1.50 25 x 20 680 380lx681m080h202 0.450 0.330 1.00 1.20 22 x 20 2200 380lx222m063h022 0.151 0.114 2.50 2.90 22 x 30 680 380lx681m080h012 0.390 0.295 1.00 1.20 22 x 25 2200 380lx222m063j012 0.151 0.114 2.50 2.90 25 x 25 1000 380lx102m080h012 0.265 0.200 1.50 1.75 22 x 25 2200 380lx222m063k202 0.170 0.130 1.50 1.70 30 x 20 1000 380lx102m080j202 0.300 0.225 1.20 1.40 25 x 20 2700 380lx272m063h032 0.123 0.093 3.70 4.30 22 x 35 1200 380lx122m080h012 0.220 0.170 1.80 2.10 22 x 25 2700 380lx272m063j022 0.123 0.093 3.70 4.30 25 x 30 1500 380lx152m080h022 0.177 0.134 2.30 2.60 22 x 30 3300 380lx332m063h042 0.110 0.080 4.10 4.70 22 x 40 1500 380lx152m080j012 0.177 0.134 2.30 2.60 25 x 25 3300 380lx332m063j022 0.110 0.080 4.10 4.70 25 x 30 1500 380lx152m080k202 0.200 0.150 1.40 1.60 30 x 20 3300 380lx332m063k012 0.110 0.080 4.10 4.70 30 x 25 1800 380lx182m080h032 0.147 0.109 2.50 2.90 22 x 35 3300 380lx332m063a202 0.125 0.095 1.70 2.00 35 x 20 1800 380lx182m080j022 0.147 0.109 2.50 2.90 25 x 30 3900 380lx392m063h452 0.100 0.075 4.40 5.10 22 x 45 2200 380lx222m080h042 0.155 0.117 2.70 3.10 22 x 40 3900 380lx392m063j032 0.100 0.075 4.40 5.10 25 x 35 2200 380lx222m080j022 0.155 0.117 2.70 3.10 25 x 30 3900 380lx392m063k022 0.100 0.075 4.40 5.10 30 x 30 2200 380lx222m080k012 0.155 0.117 2.70 3.10 30 x 25 4700 380lx472m063h052 0.080 0.060 4.90 5.60 22 x 50 2200 380lx222m080a202 0.135 0.100 1.70 2.00 35 x 20 4700 380lx472m063j042 0.080 0.060 4.90 5.60 25 x 40 2700 380lx272m080h452 0.098 0.075 2.80 3.20 22 x 45 4700 380lx472m063k022 0.080 0.060 4.90 5.60 30 x 30 2700 380lx272m080j032 0.098 0.075 2.80 3.20 25 x 35 4700 380lx472m063a012 0.080 0.060 4.90 5.60 35 x 25 2700 380lx272m080k022 0.098 0.075 2.80 3.20 30 x 30 5600 380lx562m063a022 0.070 0.050 5.40 6.20 35 x 30 3300 380lx332m080h052 0.085 0.065 3.20 3.70 22 x 50 5600 380lx562m063j452 0.070 0.050 5.40 6.20 25 x 45 3300 380lx332m080j042 0.085 0.065 3.20 3.70 25 x 40 5600 380lx562m063k032 0.070 0.050 5.40 6.20 30 x 35 3300 380lx332m080k022 0.085 0.065 3.20 3.70 30 x 30 6800 380lx682m063j052 0.060 0.045 5.80 6.70 25 x 50 3900 380lx392m080j452 0.080 0.060 3.60 4.10 25 x 45 6800 380lx682m063k042 0.060 0.045 5.80 6.70 30 x 40 3900 380lx392m080k032 0.080 0.060 3.60 4.10 30 x 35 6800 380lx682m063a022 0.060 0.045 5.80 6.70 35 x 30 4700 380lx472m080j052 0.065 0.050 4.10 4.70 25 x 50 8200 380lx822m063k452 0.067 0.050 6.00 6.90 30 x 45 4700 380lx472m080k042 0.072 0.055 4.10 4.70 30 x 40 8200 380lx822m063a032 0.067 0.050 6.00 6.90 35 x 35 5600 380lx562m080k452 0.055 0.040 4.60 5.20 30 x 45 type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l catalog part number catalog part number 120 hz 20 khz 120 hz 20 khz (mm) 120 hz 20 khz 120 hz 20 khz (mm) 80 vdc (100 vdc surge) 100 vdc (125 vdc surge) 5600 380lx562m080a032 0.055 0.040 4.60 5.20 35 x 35 3300 380lx332m100j052 0.090 0.060 4.10 4.70 25 x 50 6800 380lx682m080k052 0.045 0.035 5.20 5.90 30 x 50 3300 380lx332m100k042 0.090 0.060 4.10 4.70 30 x 40 6800 380lx682m080a042 0.045 0.035 5.20 5.90 35 x 40 3900 380lx392m100k452 0.080 0.050 4.50 5.20 30 x 45 8200 380lx822m080a052 0.040 0.030 5.80 6.70 35 x 50 3900 380lx392m100a032 0.080 0.050 4.50 5.20 35 x 35 8200 382lx822m080n042 0.040 0.030 5.83 6.70 40 x 40 4700 380lx472m100k052 0.070 0.050 5.10 5.90 30 x 50 10000 380lx103m080a062 0.033 0.025 6.40 7.34 35 x 63 4700 380lx472m100a042 0.070 0.050 5.10 5.90 35 x 40 12000 380l123m080a072 0.020 0.012 8.10 9.00 35 x 70 5600 382lx562m100n042 0.060 0.045 5.80 6.60 40 x 40 12000 382l123m080n052 0.025 0.016 7.50 8.00 40 x 50 5600 380lx562m100a452 0.060 0.040 5.80 6.60 35 x 45 15000 380l153m080a082 0.017 0.010 8.80 9.60 35 x 80 6800 380lx682m100a052 0.050 0.040 6.60 7.60 35 x 50 15000 382l153m080n062 0.020 0.013 8.50 9.20 40 x 63 6800 380l682m100a062 0.024 0.014 7.20 8.10 35 x 63 18000 382l183m080n082 0.014 0.009 10.30 10.80 40 x 80 6800 382l682m100n052 0.026 0.017 7.40 7.90 40 x 50 18000 382lx183m080b052v 0.023 0.017 10.00 11.50 50 x 50 8200 380lx822m100a062 0.040 0.030 7.00 8.10 35 x 63 22000 380lx223m080a102 0.015 0.011 9.86 11.34 35 x 105 8200 380l822m100a072 0.021 0.012 8.00 8.90 35 x 70 22000 382lx223m080b062v 0.019 0.014 11.08 12.74 50 x 63 8200 382lx822m100n052 0.040 0.030 7.30 8.40 40 x 50 27000 382lx273m080n102 0.015 0.012 11.35 13.05 40 x 105 8200 382l822m100n062 0.021 0.013 8.40 9.10 40 x 63 27000 382lx273m080b082v 0.015 0.012 12.33 14.18 50 x 80 10000 380lx103m100a082 0.033 0.025 8.70 9.60 35 x 80 33000 382lx333m080b092v 0.014 0.010 13.37 15.38 50 x 92 10000 382lx103m100n062 0.033 0.025 8.00 9.20 40 x 63 39000 382lx393m080b102v 0.013 0.010 14.34 16.49 50 x 105 10000 382lx103m100b052v 0.033 0.025 8.82 10.14 50 x 50 100 vdc (125 vdc surge) 12000 382lx123m100n082 0.028 0.021 8.65 10.00 40 x 80 470 380lx471m100h202 0.450 0.300 1.00 1.20 22 x 20 12000 380lx123m100a102 0.028 0.021 8.57 9.86 35 x 105 470 380lx471m100h012 0.450 0.300 1.10 1.30 22 x 25 15000 382lx153m100n102 0.022 0.017 10.12 11.64 40 x 105 560 380lx561m100h012 0.400 0.250 1.30 1.50 22 x 25 15000 382lx153m100b062v 0.022 0.017 10.07 11.58 50 x 63 680 380lx681m100h012 0.320 0.210 1.60 1.85 22 x 25 18000 382lx183m100b082v 0.018 0.014 11.00 12.65 50 x 80 680 380lx681m100j202 0.390 0.295 1.10 1.30 25 x 20 22000 382lx223m100b092v 0.015 0.011 11.76 13.52 50 x 92 1000 380lx102m100h022 0.220 0.150 2.00 2.30 22 x 30 27000 382lx273m100b102v 0.014 0.010 12.53 14.41 50 x 105 1000 380lx102m100j012 0.220 0.150 2.00 2.30 25 x 25 160 vdc (200 vdc surge) 1000 380lx102m100k202 0.250 0.165 1.20 1.40 30 x 20 220 380lx221m160h202 1.000 0.500 0.80 1.10 22 x 20 1200 380lx122m100h032 0.195 0.125 2.30 2.70 22 x 35 220 380lx221m160h012 0.850 0.420 0.90 1.25 22 x 25 1200 380lx122m100j022 0.180 0.120 2.30 2.70 25 x 30 270 380lx271m160h012 0.700 0.340 1.20 1.65 22 x 25 1500 380lx152m100h042 0.155 0.100 2.60 3.00 22 x 40 270 380lx271m160j202 0.800 0.400 0.90 1.20 25 x 20 1500 380lx152m100j022 0.155 0.100 2.60 3.00 25 x 30 330 380lx331m160h012 0.603 0.308 1.50 2.00 22 x 25 1500 380lx152m100k012 0.155 0.100 2.60 3.00 30 x 25 390 380lx391m160h012 0.470 0.240 1.60 2.30 22 x 25 1500 380lx152m100a202 0.177 0.120 1.50 1.70 35 x 20 390 380lx391m160h022 0.470 0.240 1.60 2.30 22 x 30 1800 380lx182m100h452 0.130 0.085 2.80 3.30 22 x 45 390 380lx391m160j012 0.470 0.240 1.60 2.30 25 x 25 1800 380lx182m100j032 0.140 0.090 2.80 3.30 25 x 35 390 380lx391m160k202 0.600 0.300 1.10 1.50 30 x 20 1800 380lx182m100k022 0.140 0.090 2.80 3.30 30 x 30 470 380lx471m160h022 0.423 0.216 2.10 3.00 22 x 30 2200 380lx222m100h052 0.121 0.080 3.10 3.60 22 x 50 470 380lx471m160j012 0.423 0.216 2.10 3.00 25 x 25 2200 380lx222m100j042 0.121 0.080 3.10 3.60 25 x 40 560 380lx561m160h022 0.355 0.178 2.25 3.15 22 x 30 2200 380lxm222100k022 0.121 0.080 3.10 3.60 30 x 30 560 380lx561m160j012 0.355 0.178 2.25 3.15 25 x 25 2200 380lx222m100a012 0.121 0.078 3.14 3.61 35 x 25 560 380lx561m160a202 0.420 0.210 1.30 1.80 35 x 20 2700 380lx272m100j452 0.104 0.068 3.70 4.30 25 x 45 680 380lx681m160h032 0.293 0.146 2.50 3.50 22 x 35 2700 380lx272m100k032 0.104 0.068 3.70 4.30 30 x 35 680 380lx681m160j022 0.293 0.146 2.50 3.50 25 x 30 2700 380lx272m100a022 0.104 0.068 3.70 4.30 35 x 30 680 380lx681m160k012 0.293 0.149 2.50 3.50 30 x 25 type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l catalog part number catalog part number 120 hz 20 khz 120 hz 20 khz (mm) 120 hz 20 khz 120 hz 20 khz (mm) 160 vdc (200 vdc surge) 180 vdc (225 vdc surge) 820 380lx821m160h042 0.260 0.130 2.50 3.50 22 x 40 820 380lx821m180h452 0.243 0.124 2.80 3.90 22 x 45 820 380lx821m160h452 0.260 0.130 2.80 3.90 22 x 45 820 380lx821m180j042 0.243 0.124 2.80 3.90 25 x 40 820 380lx821m160j032 0.260 0.130 2.80 3.90 25 x 35 820 380lx821m180k022 0.243 0.124 2.80 3.90 30 x 30 820 380lx821m160k012 0.260 0.130 2.75 3.85 30 x 25 1000 380lx102m180j452 0.199 0.102 3.00 4.20 25 x 45 1000 380lx102m160h452 0.220 0.110 3.00 4.20 22 x 45 1000 380lx102m180k032 0.199 0.102 3.00 4.20 30 x 35 1000 380lx102m160j042 0.220 0.110 3.00 4.20 25 x 40 1200 380lx122m180j052 0.166 0.085 3.30 4.60 25 x 50 1000 380lx102m160k022 0.220 0.110 3.00 4.20 30 x 30 1200 380lx122m180k042 0.166 0.085 3.30 4.60 30 x 40 1200 380lx122m160j052 0.210 0.115 3.25 4.55 25 x 50 1200 380lx122m180a032 0.166 0.085 3.30 4.60 35 x 35 1200 380lx102m160k032 0.210 0.115 3.25 4.55 30 x 35 1500 380lx152m180k452 0.133 0.068 3.80 5.40 30 x 45 1200 380lx122m160a022 0.210 0.115 3.25 4.55 35 x 30 1500 380lx152m180a042 0.133 0.068 3.80 5.40 35 x 40 1500 380lx152m160j052 0.170 0.090 3.70 5.20 25 x 50 1800 380lx182m180k052 0.111 0.057 4.30 6.00 30 x 50 1500 380lx152m160k032 0.170 0.090 3.70 5.20 30 x 35 1800 380lx182m180a042 0.111 0.057 4.30 6.00 35 x 40 1500 380lx152m160a022 0.166 0.091 3.73 5.22 35 x 30 2200 380lx222m180a052 0.090 0.046 4.90 6.90 35 x 50 1800 380lx182m160k052 0.140 0.085 4.20 5.90 30 x 50 2700 382l272m180n062 0.051 0.027 5.00 6.50 40 x 63 1800 380lx182m160a032 0.140 0.085 4.20 5.90 35 x 35 2700 380l272m180a072 0.054 0.027 4.80 6.20 35 x 70 2200 380lx222m160k052 0.105 0.053 4.78 6.69 30 x 50 3300 380l332m180a082 0.046 0.023 5.40 7.10 35 x 80 2200 380lx222m160a042 0.115 0.075 4.78 6.69 35 x 40 4700 382l472m180n082 0.036 0.020 6.60 8.50 40 x 80 2700 380lx272m160a052 0.090 0.060 5.50 7.60 35 x 50 200 vdc (250 vdc surge) 2700 382lx272m160n042 0.080 0.045 5.50 7.60 40 x 40 150 380lx151m200h202 1.330 0.600 0.65 0.90 22 x 20 3300 380lx332m160a062 0.065 0.040 6.30 8.80 35 x 63 150 380lx151m200h012 1.220 0.550 0.70 1.00 22 x 25 3300 380lx332m160n052 0.065 0.040 6.30 8.80 40 x 50 220 380lx221m200h012 0.083 0.380 1.00 1.45 22 x 25 3900 380lx392m160a082 0.055 0.030 7.30 10.20 35 x 80 220 380lx221m200j202 0.905 0.410 0.90 1.20 25 x 20 3900 380lx392m160n062 0.055 0.030 7.30 10.20 40 x 63 270 380lx271m200h012 0.610 0.280 1.40 2.00 22 x 25 4700 382l472m160n082 0.036 0.020 6.60 8.50 40 x 80 330 380lx331m200h012 0.550 0.250 1.60 2.20 22 x 25 5600 382lx562m160n082 0.040 0.020 8.30 11.70 40 x 80 330 380lx331m200k202 0.603 0.308 1.00 1.40 30 x 20 5600 382lx562m160b052v 0.040 0.020 8.25 9.50 50 x 50 390 380lx391m200h022 0.470 0.210 1.70 2.40 22 x 30 6800 380lx682m160a102 0.032 0.017 9.10 12.70 35 x 105 390 380lx391m200j012 0.470 0.210 1.70 2.40 25 x 25 8200 382lx822m160b062v 0.026 0.015 8.90 12.50 50 x 63 470 380lx471m200h032 0.390 0.180 1.90 2.60 22 x 35 10000 382lx103m160n102 0.022 0.012 9.90 13.80 40 x 105 470 380lx471m200j022 0.390 0.180 1.90 2.60 25 x 30 10000 382lx103m160b082v 0.022 0.012 9.80 13.70 50 x 80 470 380lx471m200k012 0.423 0.216 1.90 2.60 30 x 25 12000 382lx123m160b092v 0.018 0.010 12.90 18.10 50 x 92 470 380lx471m200a202 0.460 0.210 1.30 1.80 35 x 20 15000 382lx153m160b102v 0.014 0.008 14.10 19.70 50 x105 560 380lx561m200h042 0.330 0.150 2.40 3.40 22 x 40 180 vdc (225 vdc surge) 560 380lx561m200j022 0.330 0.150 2.43 3.40 25 x 30 330 380lx331m180h012 0.603 0.308 1.80 2.50 22 x 25 560 380lx561m200k012 0.390 0.180 2.15 3.16 30 x 25 390 380lx391m180h022 0.510 0.260 1.20 1.60 22 x 30 680 380lx681m200h452 0.270 0.120 2.70 3.80 22 x 45 390 380lx391m180j012 0.510 0.260 1.20 1.60 25 x 25 680 380lx681m200j032 0.270 0.120 2.70 3.80 25 x 35 470 380lx471m180h032 0.423 0.216 2.10 2.90 22 x 35 680 380lx681m200k022 0.270 0.120 2.70 3.80 30 x 30 470 380lx471m180j012 0.423 0.216 2.10 2.90 25 x 25 820 380lx821m200j452 0.220 0.100 2.90 4.10 25 x 45 560 380lx561m180h032 0.355 0.181 2.30 3.20 22 x 35 820 380lx821m200k022 0.220 0.100 2.90 4.10 30 x 30 560 380lx561m180j022 0.355 0.181 2.30 3.20 25 x 30 820 380lx821m200a012 0.243 0.124 2.90 4.10 35 x 25 680 380lx681m180h042 0.293 0.149 2.50 3.50 22 x 40 1000 380lx102m200j452 0.199 0.090 3.25 4.55 25 x 45 680 380lx681m180j032 0.293 0.149 2.50 3.50 25 x 35 1000 380lx102m200k032 0.199 0.090 3.25 4.55 30 x 35 680 380lx681m180k022 0.293 0.149 2.50 3.50 30 x 30 1000 380lx102m200a022 0.199 0.102 3.30 4.60 35 x 30 type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l catalog part number catalog part number 120 hz 20 khz 120 hz 20 khz (mm) 120 hz 20 khz 120 hz 20 khz (mm) 200 vdc (250 vdc surge) 250 vdc (300 vdc surge) 1200 380lx122m200k042 0.166 0.075 3.50 4.90 30 x 40 560 380lx561m250j042 0.326 0.130 2.30 3.20 25 x 40 1200 380lx122m200a022 0.166 0.075 3.50 4.90 35 x 30 560 380lx561m250k022 0.326 0.130 2.30 3.20 30 x 30 1500 380lx152m200k452 0.144 0.072 3.87 5.42 30 x 45 560 380lx561m250a012 0.326 0.130 2.30 3.20 35 x 25 1500 380lx152m200a032 0.144 0.072 3.87 5.42 35 x 35 680 380lx681m250j452 0.268 0.107 2.50 3.50 25 x 45 1800 380lx182m200k052 0.120 0.060 4.32 6.05 30 x 50 680 380lx681m250k032 0.268 0.107 2.50 3.50 30 x 35 1800 380lx182m200a042 0.120 0.060 4.32 6.05 35 x 40 680 380lx681m250a022 0.293 0.149 2.50 3.50 35 x 30 2200 380lx222m200a452 0.098 0.054 4.92 6.89 35 x 45 820 380lx821m250k042 0.222 0.089 2.80 3.90 30 x 40 2200 382lx222m200n042 0.098 0.054 4.92 6.89 40 x 40 820 380lx821m250a022 0.222 0.089 2.80 3.90 35 x 30 2700 380lx272m200a062 0.080 0.045 5.50 7.70 35 x 63 1000 380lx102m250k452 0.182 0.073 3.32 4.65 30 x 45 2700 382lx272m200n052 0.080 0.045 5.40 7.60 40 x 50 1000 380lx102m250a032 0.182 0.073 3.32 4.65 35 x 35 3300 380lx332m200a082 0.065 0.037 6.40 9.00 35 x 80 1200 380lx122m250a042 0.166 0.083 3.53 4.94 35 x 40 3300 382lx332m200n062 0.065 0.037 6.30 8.90 40 x 63 1500 380lx152m250a052 0.133 0.068 4.00 5.70 35 x 50 3900 380lx392m200a082 0.055 0.030 6.60 9.25 35 x 80 1500 382lx152m250n042 0.133 0.066 4.04 5.66 40 x 40 3900 382lx392m200n062 0.055 0.030 6.80 9.50 40 x63 1800 380lx182m250a062 0.110 0.055 4.50 6.30 35 x 63 3900 382lx392m200b052v 0.055 0.030 8.22 9.45 50 x 50 1800 382lx182m250n052 0.110 0.055 4.50 6.30 40 x 50 4700 382lx472m200n082 0.046 0.025 8.38 11.73 40 x 80 1800 382l182m250n062 0.062 0.030 4.80 6.40 40 x 63 4700 382lx472m200b062v 0.046 0.025 9.32 13.05 50 x 63 2200 380lx222m250a062 0.090 0.045 4.70 6.60 35 x 63 5600 380lx562m200a102 0.038 0.021 8.90 12.46 35 x 105 2200 380lx222m250a082 0.090 0.045 4.90 6.90 35 x 80 6800 382lx682m200n102 0.032 0.017 8.65 12.11 40 x 105 2200 382lx222m250n062 0.090 0.045 4.90 6.90 40 x 63 6800 382lx682m200b082v 0.032 0.017 11.41 15.97 50 x 80 2700 380lx272m250a082 0.074 0.037 5.60 7.90 35 x 80 7500 382lx752m200b092v 0.029 0.016 12.28 17.19 50 x 92 2700 382lx272m250n062 0.074 0.037 5.80 8.10 40 x 63 8200 382lx822m200b102v 0.026 0.014 13.16 18.42 50 x 105 2700 382l272m250n082 0.043 0.021 6.30 8.40 40 x 80 250 vdc (300 vdc surge) 2700 382lx272m250b052v 0.074 0.037 6.77 7.79 50 x 50 120 380lx121m250h202 1.658 0.846 0.50 0.60 22 x 20 3300 382lx332m250n082 0.060 0.030 7.00 9.80 40 x 80 120 380lx121m250h012 1.520 0.610 0.71 1.00 22 x 25 3300 382lx332m250b062v 0.060 0.030 7.79 10.91 50 x 63 150 380lx151m250h012 1.220 0.490 0.90 1.25 22 x 25 3900 380lx392m250a102 0.051 0.026 7.47 10.46 35 x 105 150 380lx151m250j202 1.326 0.530 0.70 0.90 25 x 20 3900 382lx392m250n082 0.051 0.026 7.35 10.30 40 x 80 180 380lx181m250h012 0.920 0.370 1.10 1.50 22 x 25 4700 382lx472m250n102 0.042 0.021 8.88 12.43 40 x 105 220 380lx221m250h012 0.754 0.301 1.17 1.64 22 x 25 4700 382lx472m250b082v 0.042 0.021 9.65 13.51 50 x 80 220 380lx221m250k202 0.830 0.330 0.90 1.20 30 x 20 5600 382lx562m250b092v 0.036 0.018 10.80 15.12 50 x 92 270 380lx271m250h022 0.620 0.250 1.30 1.80 22 x 30 6800 382lx682m250b102v 0.029 0.015 12.16 17.02 50 x 105 270 380lx271m250j012 0.620 0.250 1.30 1.80 25 x 25 315 vdc (365 vdc surge) 330 380lx331m250h032 0.550 0.220 1.80 2.50 22 x 35 100 380lx101m315h012 1.989 1.015 0.90 1.30 22 x 25 330 380lx331m250j022 0.550 0.220 1.80 2.50 25 x 30 120 380lx121m315h022 1.658 0.856 1.00 1.40 22 x 30 330 380lx331m250k012 0.550 0.220 1.80 2.50 30 x 25 120 380lx121m315j012 1.658 0.856 1.00 1.40 25 x 25 330 380lx331m250a202 0.550 0.220 1.10 1.50 35 x 20 150 380lx151m315h022 1.326 0.677 1.10 1.60 22 x 30 390 380lx391m250h042 0.510 0.260 1.90 2.70 22 x 40 150 380lx151m315j012 1.326 0.677 1.10 1.60 25 x 25 390 380lx391m250j022 0.468 0.187 1.91 2.67 25 x 30 180 380lx181m315h032 1.105 0.546 1.20 1.70 22 x 35 390 380lx391m250k012 0.510 0.260 1.90 2.70 30 x 25 180 380lx181m315j022 1.105 0.546 1.20 1.70 25 x 30 470 380lx471m250h452 0.390 0.155 2.10 3.00 22 x 45 180 380lx181m315k012 1.105 0.546 1.20 1.70 30 x 25 470 380lx471m250j032 0.390 0.155 2.10 3.00 25 x 35 220 380lx221m315h042 0.904 0.461 1.40 2.00 22 x 40 470 380lx471m250k012 0.353 0.141 2.10 3.00 30 x 25 220 380lx221m315j032 0.904 0.461 1.40 2.00 25 x 35 type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l catalog part number catalog part number 120 hz 20 khz 120 hz 20 khz (mm) 120 hz 20 khz 120 hz 20 khz (mm) 315 vdc (365 vdc surge) 350 vdc (400 vdc surge) 220 380lx221m315k012 0.904 0.461 1.40 2.00 30 x 25 330 380lx331m350a022 0.500 0.180 1.90 2.60 35 x 30 270 380lx271m315h452 0.737 0.376 1.60 2.20 22 x 45 390 380lx391m350j052 0.425 0.149 2.06 2.88 25 x 50 270 380lx271m315j042 0.737 0.376 1.60 2.20 25 x 40 390 380lx391m350k042 0.425 0.149 2.06 2.88 30 x 40 270 380lx271m315k022 0.737 0.376 1.60 2.20 30 x 30 390 380lx391m350a022 0.425 0.149 2.06 2.88 35 x 30 330 380lx331m315j452 0.603 0.308 1.80 2.50 25 x 45 470 380lx471m350k052 0.390 0.140 2.40 3.40 30 x 50 330 380lx331m315k022 0.603 0.308 1.80 2.50 30 x 30 470 380lx471m350a032 0.390 0.140 2.40 3.40 35 x 35 330 380lx331m315a012 0.603 0.308 1.80 2.50 35 x 25 560 380lx561m350k052 0.326 0.114 2.60 3.64 30 x 50 390 380lx391m315j052 0.510 0.260 2.00 2.80 25 x 50 560 380lx561m350a042 0.326 0.114 2.60 3.64 35 x 40 390 380lx391m315k032 0.510 0.260 2.00 2.80 30 x 35 680 380lx681m350a452 0.293 0.117 2.96 4.14 35 x 45 390 380lx391m315a022 0.510 0.260 2.00 2.80 35 x 30 680 382lx681m350n042 0.293 0.117 3.00 4.10 40 x 40 470 380lx471m315k042 0.423 0.216 2.30 3.20 30 x 40 820 380lx821m350a052 0.243 0.097 3.55 4.97 35 x 50 470 380lx471m315a032 0.423 0.216 2.30 3.20 35 x 35 1000 380lx102m350a062 0.250 0.110 3.80 5.30 35 x 63 560 380lx561m315k452 0.355 0.181 2.60 3.60 30 x 45 1000 382lx102m350n052 0.250 0.110 3.80 5.30 40 x 50 560 380lx561m315a032 0.355 0.181 2.60 3.60 35 x 35 1200 380lx122m350a082 0.210 0.095 4.40 6.20 35 x 80 680 380lx681m315a452 0.293 0.149 2.90 4.00 35 x 45 1200 382lx122m350n062 0.210 0.095 4.40 6.20 40 x 63 820 380lx821m315a052 0.243 0.124 3.30 4.60 35 x 50 1200 382lx122m350b052v 0.207 0.093 5.18 5.96 50 x 50 1000 380l102m315a062 0.218 0.129 2.70 3.60 35 x 63 1500 382lx152m350b062v 0.166 0.075 6.01 8.41 50 x 63 1200 380l122m315a072 0.182 0.107 3.20 4.20 35 x 70 1800 380lx182m350a102 0.138 0.062 5.79 8.11 35 x 105 1200 382l122m315n052 0.202 0.122 2.90 3.90 40 x 50 1800 382lx182m350n082 0.138 0.062 5.85 8.20 40 x 80 1500 380l152m315a082 0.153 0.090 3.60 4.80 35 x 80 1800 382lx182m350b082v 0.138 0.062 6.89 9.65 50 x 80 1500 382l152m315n062 0.162 0.098 3.40 4.50 40 x 63 2200 382lx222m350n102 0.113 0.051 6.91 9.67 40 x 105 1800 382l182m315n082 0.113 0.069 4.50 6.00 40 x 80 2200 382lx222m350b092v 0.113 0.051 7.79 10.91 50 x 92 350 vdc (400 vdc surge) 2700 382lx272m350b102v 0.092 0.041 8.80 12.32 50 x 105 82 380lx820m350h012 2.022 0.708 0.83 1.16 22 x 25 400 vdc (450 vdc surge) 100 380lx101m350h022 1.660 0.580 0.90 1.30 22 x 30 47 380lx470m400h202 3.530 1.240 0.25 0.35 22 x 20 120 380lx121m350h022 1.382 0.484 1.00 1.40 22 x 30 47 380lx470m400h012 3.530 1.240 0.47 0.66 22 x 25 120 380lx121m350j012 1.382 0.484 1.00 1.40 25 x 25 68 380lx680m400h012 2.440 0.850 0.70 0.97 22 x 25 150 380lx151m350h032 1.110 0.390 1.10 1.60 22 x 35 68 380lx680m400j202 2.930 1.000 0.35 0.50 25 x 20 150 380lx151m350j012 1.110 0.390 1.10 1.60 25 x 25 82 380lx820m400h012 2.000 0.710 0.80 1.20 22 x 25 150 380lx151m350k012 1.110 0.390 1.10 1.60 30 x 25 100 380lx101m400h022 1.650 0.580 0.90 1.30 22 x 30 180 380lx181m350h042 0.920 0.320 1.20 1.70 22 x 40 100 380lx101m400j012 1.650 0.580 0.90 1.30 25 x 25 180 380lx181m350j022 0.920 0.320 1.22 1.70 25 x 30 100 380lx101m400k202 1.990 0.700 0.50 0.70 30 x 20 180 380lx181m350k012 0.920 0.320 1.20 1.70 30 x 25 120 380lx121m400h032 1.380 0.490 1.00 1.40 22 x 35 220 380lx221m350h452 0.750 0.260 1.44 2.00 22 x 45 120 380lx121m400j012 1.380 0.490 1.02 1.43 25 x 25 220 380lx221m350j032 0.750 0.260 1.44 2.00 25 x 35 150 380lx151m400h042 1.100 0.390 1.20 1.60 22 x 40 220 380lx221m350k012 0.750 0.260 1.44 2.00 30 x 25 150 380lx151m400j022 1.100 0.390 1.20 1.60 25 x 30 220 380lx221m350a012 0.750 0.260 1.44 2.00 35 x 25 150 380lx151m400k012 1.100 0.390 1.20 1.60 30 x 25 270 380lx271m350j042 0.614 0.215 1.66 2.32 25 x 40 150 380lx151m400a202 1.330 0.470 0.60 0.80 35 x 20 270 380lx271m350k022 0.614 0.215 1.66 2.32 30 x 30 180 380lx181m400h452 0.920 0.320 1.40 2.00 22 x 45 270 380lx271m350a012 0.614 0.215 1.66 2.32 35 x 25 180 380lx181m400j022 0.920 0.320 1.40 2.00 25 x 30 270 380lx271m350a012 0.614 0.215 1.70 2.30 35 x 25 220 380lx221m400h052 0.750 0.260 1.50 2.10 22 x 50 330 380lx331m350j052 0.500 0.180 1.90 2.60 25 x 50 220 380lx221m400j042 0.750 0.260 1.50 2.10 25 x 40 330 380lx331m350k032 0.500 0.180 1.90 2.60 30 x 35 220 380lx221m400k022 0.750 0.260 1.50 2.10 30 x 30 type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l cap. (f) max. esr @ 25 c ripple amps max. @ 85 c nominal size d x l catalog part number catalog part number 120 hz 20 khz 120 hz 20 khz (mm) 120 hz 20 khz 120 hz 20 khz (mm) 400 vdc (450 vdc surge) 420 vdc (470 vdc surge) 270 380lx271m400j452 0.680 0.240 1.70 2.30 25 x 45 330 380lx331m420k452 0.600 0.210 1.90 2.68 30 x 45 270 380lx271m400k032 0.680 0.240 1.70 2.30 30 x 35 330 380lx331m420a032 0.600 0.210 1.90 2.68 35 x 35 270 380lx271m400a022 0.680 0.240 1.70 2.30 35 x 30 390 380lx391m420k052 0.500 0.180 2.10 3.00 30 x 50 330 380lx331m400k042 0.550 0.200 1.90 2.70 30 x 40 390 380lx391m420a042 0.500 0.180 2.10 3.00 35 x 40 330 380lx331m400a022 0.550 0.200 1.90 2.70 35 x 30 470 380lx471m420a452 0.420 0.150 2.40 3.35 35 x 45 390 380lx391m400k452 0.470 0.160 2.10 3.00 30 x 45 560 380lx561m420a052 0.355 0.125 2.70 3.80 35 x 50 390 380lx391m400a032 0.470 0.160 2.10 3.00 35 x 35 450 vdc (500 vdc surge) 470 380lx471m400a042 0.388 0.136 2.39 3.35 35 x 40 33 380lx330m450h202 6.029 2.400 0.20 0.30 22 x 20 560 380lx561m400a452 0.326 0.114 2.69 3.77 35 x 45 33 380lx330m450h012 6.029 2.400 0.40 0.57 22 x 25 560 382lx561m400n042 0.326 0.114 2.70 3.80 40 x 40 47 380lx470m450h012 4.230 1.690 0.59 0.83 22 x 25 680 380lx681m400a052 0.270 0.095 3.00 4.20 35 x 50 47 380lx470m450j202 4.230 1.690 0.30 0.40 25 x 20 680 382lx681m400n052 0.270 0.095 3.40 4.70 40 x 50 56 380lx560m450h012 3.000 1.190 0.70 1.00 22 x 25 820 380lx821m400a062 0.222 0.078 3.55 4.97 35 x 63 68 380lx680m450h022 2.926 1.170 0.80 1.10 22 x 30 820 382lx821m400n052 0.222 0.078 3.40 4.70 40 x 50 68 380lx680m450k202 2.926 1.170 0.40 0.50 30 x 20 1000 380l102m400a082 0.179 0.099 3.60 4.80 35 x 80 82 380lx820m450h022 2.000 0.810 0.80 1.20 22 x 30 1000 382lx102m400n062 0.199 0.127 4.20 5.80 40 x 63 82 380lx820m450j012 2.000 0.810 0.80 1.20 25 x 25 1000 382lx102m400b052v 0.199 0.080 4.76 5.47 50 x 50 100 380lx101m450h032 1.660 0.660 0.90 1.30 22 x 35 1200 380lx122m400a082 0.152 0.053 4.52 6.33 35 x 80 100 380lx101m450j022 1.660 0.660 0.90 1.30 25 x 30 1200 382lx122m400n062 0.152 0.053 4.52 6.33 40 x 63 100 380lx101m450k012 1.989 1.015 0.90 1.30 30 x 25 1200 382lx122m400b062v 0.166 0.066 5.47 7.66 50 x 63 100 380lx101m450a202 1.989 1.015 0.50 0.70 35 x 20 1500 380lx152m400a102 0.122 0.043 5.44 7.62 35 x 105 120 380lx121m450h042 1.380 0.550 1.00 1.50 22 x 40 1500 382lx152m400n082 0.122 0.043 5.50 7.70 40 x 80 120 380lx121m450j022 1.380 0.550 1.00 1.50 25 x 30 1500 382lx152m400b082v 0.133 0.053 6.47 9.06 50 x 80 120 380lx121m450k012 1.380 0.550 1.00 1.50 30 x 25 1800 382lx182m400n102 0.101 0.035 6.53 9.14 40 x 105 150 380lx151m450h052 1.100 0.440 1.20 1.70 22 x 50 1800 382lx182m400b092v 0.111 0.044 7.35 10.29 50 x 92 150 380lx151m450j042 1.100 0.440 1.20 1.70 25 x 40 2200 382lx222m400b102v 0.090 0.036 8.43 11.80 50 x 105 150 380lx151m450k022 1.100 0.440 1.20 1.70 30 x 30 420 vdc (470 vdc surge) 180 380lx181m450j042 0.921 0.368 1.35 1.89 25 x 40 82 380lx820m420h022 2.430 0.850 0.80 1.15 22 x 30 180 380lx181m450k022 0.921 0.368 1.35 1.89 30 x 30 100 380lx101m420h022 2.000 0.700 0.90 1.30 22 x 30 180 380lx181m450a012 0.921 0.368 1.40 1.90 35 x 25 100 380lx101m420j012 2.000 0.700 0.90 1.30 25 x 25 220 380lx221m450j452 0.754 0.301 1.55 2.17 25 x 45 120 380lx121m420h032 1.660 0.590 1.00 1.40 22 x 35 220 380lx221m450k032 0.754 0.301 1.55 2.17 30 x 35 120 380lx121m420j022 1.660 0.590 1.00 1.40 25 x 30 220 380lx221m450a022 0.904 0.461 1.60 2.20 35 x 30 150 380lx151m420h042 1.330 0.450 1.15 1.60 22 x 40 270 380lx271m450k452 0.680 0.270 1.80 2.50 30 x 45 150 380lx151m420j022 1.330 0.450 1.15 1.60 25 x 30 270 380lx271m450a022 0.680 0.270 1.80 2.50 35 x 30 150 380lx151m420k012 1.330 0.450 1.15 1.60 30 x 25 330 380lx331m450k052 0.550 0.250 2.00 2.80 30 x 50 180 380lx181m420j012 1.100 0.390 1.45 2.00 22 x 45 330 380lx331m450a032 0.553 0.221 2.01 2.81 35 x 35 180 380lx181m420j032 1.100 0.390 1.45 2.00 25 x 35 390 380lx391m450a452 0.510 0.260 2.20 3.10 35 x 45 180 380lx181m420k022 1.100 0.390 1.45 2.00 30 x 30 470 380lx471m450a452 0.423 0.233 2.53 3.54 35 x 45 220 380lx221m420j452 0.900 0.320 1.50 2.10 25 x 45 470 382lx471m450n042 0.423 0.233 2.53 3.54 40 x 40 220 380lx221m420k022 0.900 0.320 1.50 2.10 30 x 30 560 380lx561m450a052 0.355 0.171 2.50 3.50 35 x 50 220 380lx221m420a012 0.900 0.320 1.50 2.10 35 x 25 560 380lx561m450a062 0.355 0.195 2.90 4.10 35 x 63 270 380lx271m420j052 0.740 0.260 1.70 2.30 25 x 50 680 380l681m450a072 0.226 0.120 3.20 4.20 35 x 70 270 380lx271m420k032 0.740 0.260 1.70 2.30 30 x 35 680 382lx681m450n052 0.290 0.160 3.15 4.40 40 x 50 270 380lx271m420a022 0.740 0.260 1.70 1.93 35 x 30 680 382l681m450n062 0.201 0.109 3.40 4.50 40 x 63 type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
max. esr ripple amps nominal max. esr ripple amps nominal cap. catalog part number @ 25 c max. @ 85 c size d x l cap. catalog part number @ 25 c max. @ 85 c size d x l (f) 120 hz 20 khz 120 hz 20 khz (mm) (f) 120 hz 20 khz 120 hz 20 khz (mm) 450 vdc (500 vdc surge) 500 vdc (550 vdc surge) 820 382lx821m450n062 0.243 0.133 3.70 5.20 40 x 63 150 380lx151m500a012 1.342 0.805 1.29 1.80 35 x 25 820 380lx821m450a082 0.243 0.133 3.80 5.30 35 x 80 180 380lx181m500j052 0.920 0.368 1.38 1.93 25 x 50 820 382lx821m450b052v 0.263 0.145 4.31 4.96 50 x 50 180 380lx181m500k042 0.920 0.368 1.38 1.93 30 x 40 1000 382lx102m450n082 0.216 0.119 4.20 5.90 40 x 80 180 380lx181m500a022 1.119 0.671 1.38 1.93 35 x 30 1000 382lx102m450b062v 0.216 0.119 4.96 6.94 50 x 63 180 380lx181m500a032 1.119 0.671 1.60 2.20 35 x 35 1200 380lx122m450a102 0.166 0.091 4.80 6.72 35 x 105 220 380lx221m500k452 0.754 0.339 1.50 2.10 30 x 45 1200 382lx122m450n082 0.166 0.091 4.85 6.80 40 x 80 220 380lx221m500k052 0.654 0.397 2.00 2.70 30 x 50 1200 382lx122m450b082v 0.180 0.099 5.71 7.99 50 x 80 220 380lx221m500a032 0.915 0.549 1.50 2.10 35 x 35 1500 382lx152m450n102 0.133 0.073 5.81 8.13 40 x 105 220 380lx221m500a042 0.915 0.549 1.90 2.50 35 x 40 1500 382lx152m450b092v 0.144 0.079 6.55 9.17 50 x 92 270 380lx271m500a042 0.746 0.447 1.76 2.46 35 x 40 1800 382lx182m450b102v 0.120 0.066 7.38 10.30 50 x 105 270 380lx271m500a052 0.746 0.447 2.30 3.10 35 x 50 500 vdc (550 vdc surge) 270 382l271m500n042 0.746 0.447 2.40 3.20 40 x 40 33 380lx330m500h012 4.420 2.652 0.60 0.80 22 x 25 330 380lx331m500a452 0.610 0.366 1.99 2.79 35 x 45 47 380lx470m500h012 3.500 2.100 0.63 0.88 22 x 25 330 382lx331m500n042 0.610 0.366 2.16 3.00 40 x 40 56 380lx560m500h022 2.980 1.788 0.70 0.98 22 x 30 390 380lx391m500a052 0.516 0.310 2.22 3.11 35 x 50 68 380lx680m500h032 2.720 1.632 0.78 1.09 22 x 35 390 380lx391m500a062 0.516 0.310 2.70 3.60 35 x 63 68 380lx680m500j012 2.720 1.632 0.78 1.09 25 x 25 390 382l391m500n052 0.516 0.310 2.90 3.90 40 x 50 82 380lx820m500h042 2.455 1.473 0.88 1.23 22 x 40 470 380lx471m500a062 0.428 0.257 2.58 3.61 35 x 63 82 380lx820m500j022 2.455 1.473 0.88 1.23 25 x 30 470 380lx471m500a072 0.428 0.257 3.20 4.20 35 x 70 82 380lx820m500k012 2.455 1.473 0.90 1.20 30 x 25 470 382lx471m500n052 0.428 0.257 2.70 3.78 40 x 50 100 380lx101m500h452 2.013 1.208 0.99 1.39 22 x 45 470 382l471m500n062 0.428 0.257 3.40 4.50 40 x 63 100 380lx101m500j032 2.013 1.208 0.99 1.39 25 x 35 560 380lx561m500a082 0.360 0.216 3.60 4.80 35 x 80 100 380lx101m500j042 2.013 1.208 1.10 1.50 25 x 40 560 382lx561m500n062 0.360 0.216 3.11 4.35 40 x 63 100 380lx101m500k022 2.013 1.208 1.10 1.50 30 x 30 560 382lx561m500b052v 0.360 0.216 3.52 4.05 50 x 50 100 380lx101m500a012 2.013 1.208 1.10 1.50 35 x 25 680 382l681m500n082 0.296 0.178 4.50 6.00 40 x 80 120 380lx121m500h052 1.678 1.007 1.13 1.58 22 x 50 680 380lx681m500a082 0.296 0.178 3.21 4.49 35 x 80 120 380lx121m500j042 1.678 1.007 1.13 1.58 25 x 40 680 382lx681m500b062v 0.296 0.178 4.07 5.70 50 x 63 120 380lx121m500k022 1.678 1.007 1.13 1.58 30 x 30 820 380lx821m500a102 0.246 0.147 3.97 5.56 35 x 105 120 380lx121m500k032 1.678 1.007 1.40 1.90 30 x 35 820 382lx821m500n082 0.246 0.147 3.88 5.43 40 x 80 120 380lx121m500a022 1.678 1.007 1.40 1.90 35 x 30 1000 382lx102m500b082v 0.201 0.121 5.05 7.07 50 x 80 150 380lx151m500j452 1.105 0.442 1.29 1.80 25 x 45 1200 382lx122m500n102 0.168 0.101 5.90 8.26 40 x 105 150 380lx151m500j052 0.945 0.585 1.40 1.90 25 x 50 1200 382lx122m500b092v 0.168 0.101 5.74 8.04 50 x 92 150 380lx151m500k032 1.105 0.442 1.29 1.80 30 x 35 1500 382lx152m500b102v 0.134 0.081 6.65 9.31 50 x 105 150 380lx151m500k042 0.926 0.562 1.60 2.20 30 x 40 type 380lx / 382lx 85 c high capacitance, snap-in aluminum 2, 4 an d 5 pin styles available cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required.


▲Up To Search▲   

 
Price & Availability of 382LX224M016B092V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X